|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RJ-45 Filter Port Jacks 10/100Base-TX ELECTRONICS INC. EPJ9250-F2 * Space Saving RJ-45 Connectors * * Recommended for Cirrus CS8952 PHY & other Leading * 10/100 Transceiver IC's * UL94V-0 Rated High Temp. Thermoplastic Housing * * 1500 Vrms Isolation * * Surface Mount Package * Electrical Parameters @ 25 C Insertion Loss (dB Max.) 0.1-100 MHz -1.1 0.5-30 MHz -18 Return Loss (dB Min.) @ 40 MHz -15.5 @ 50 MHz -13.6 60-80 MHz -12 CMRR (dB Typ.) 0.1-100 MHz -40 Crosstalk (dB Min.) 0.1-100 MHz -40 Package .756 (19.20) .654 (16.60) .531 (13.50) .949 (24.10) .248 (6.30) .200 (5.05) .583 (14.80) Marking : PCA EPJ9250-F2 D.C. Schematic P1 P2 J1 J1 P3 75 51.1 51.1 J2 J4 .061 (1.56) .122 (3.10) .429 (10.90) .050 (1.27) .050 (1.27) P4 P5 P6 J5 51.1 .080 (2.03) 0.045 X 0.080 1.140 X 2.030 12 places .060 (1.520) O 0.1280.003 O 3.2500.076 2 places 0.080 X 0.120 2.030 X 3.050 2 places .050 (1.28) .535 (13.60) J3 J6 75 51.1 51.1 J7 J8 51.1 12 1110 9 8 7 .140 (3.55) P7 6 5 4 3 2 P1 .535 (13.60) .635 (16.13) .500 (12.70) .705 (17.91) Recommended PCB Layout Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 CSJ9250-F2 Rev. - 6/25/02 Product performance is limited to specified parameters. Data is subject to change without prior notice. TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com |
Price & Availability of EPJ9250-F2 |